Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7221 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS7221
Description  Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7221 Fiches technique(HTML) 21 Page - ams AG

Back Button AS7221 Datasheet HTML 17Page - ams AG AS7221 Datasheet HTML 18Page - ams AG AS7221 Datasheet HTML 19Page - ams AG AS7221 Datasheet HTML 20Page - ams AG AS7221 Datasheet HTML 21Page - ams AG AS7221 Datasheet HTML 22Page - ams AG AS7221 Datasheet HTML 23Page - ams AG AS7221 Datasheet HTML 24Page - ams AG AS7221 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ams Datasheet
Page 21
[v1-01] 2016-Dec-08
Document Feedback
AS7221 − Detailed Description
I²C Read Access
Random, Sequential and Current Address Read are used to read
data from the slave.
Figure 25:
I²C Random Read
Random Read and Sequential Read are combined formats. The
repeated START condition is used to change the direction after
the data transfer from the master.
The word address transfer is initiated with a START condition
issued by the master while the bus is idle. The START condition
is followed by the device-write address and the word address.
In order to change the data direction a repeated START
condition is issued on the 1st SCL pulse after the acknowledge
bit of the word address transfer. After the reception of the
device-read address, the slave becomes the transmitter. In this
state the slave transmits register data located by the previous
received word address vector. The master responds to the data
byte with a not-acknowledge, and issues a STOP condition on
the bus.
S
SW
A
WA
Data
N P
A
WA++
S
r
SR
A
read WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36