Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34721 Fiches technique(PDF) 30 Page - ams AG

No de pièce TCS34721
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TCS34721 Fiches technique(HTML) 30 Page - ams AG

Back Button TCS34721 Datasheet HTML 26Page - ams AG TCS34721 Datasheet HTML 27Page - ams AG TCS34721 Datasheet HTML 28Page - ams AG TCS34721 Datasheet HTML 29Page - ams AG TCS34721 Datasheet HTML 30Page - ams AG TCS34721 Datasheet HTML 31Page - ams AG TCS34721 Datasheet HTML 32Page - ams AG TCS34721 Datasheet HTML 33Page - ams AG TCS34721 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Pack age Drawings & Mark ings
Figure 37:
Package FN – Dual Flat No-Lead Packaging Configuration
Notes:
1. All linear dimensions are in micrometers. Dimension tolerance is ±20 μm unless otherwise noted.
2. The die is centered within the package within a tolerance of ± 3 mils.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40