| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34721 Fiches technique(PDF) 27 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS34721 Fiches technique(HTML) 27 Page - ams AG |
|
27 / 40 page ![]() ams Datasheet Page 27 [v1-02] 2016-Feb-08 Document Feedback TCS3472 − Register Description ID Register (0x12) The ID Register provides the value for the part number. The ID register is a read-only register. Figure 33: ID Register Status Register (0x13) The Status Register provides the internal status of the device. This register is read only. Figure 34: Status Register 7 6 543 2 1 0 ID Field Bits Description ID 7:0 Part number identification 0x44 = TCS34721 and TCS34725 0x4D = TCS34723 and TCS34727 7 654 3 2 1 0 Reserved AINT Reserved AVALID Field Bits Description Reserved 7:5 Reserved. AINT 4 RGBC clear channel Interrupt. Reserved 3:1 Reserved. AVALID 0 RGBC Valid. Indicates that the RGBC channels have completed an integration cycle. |