Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD323X Fiches technique(PDF) 171 Page - STMicroelectronics

No de pièce UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Fiches technique(HTML) 171 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 167Page - STMicroelectronics UPSD323X Datasheet HTML 168Page - STMicroelectronics UPSD323X Datasheet HTML 169Page - STMicroelectronics UPSD323X Datasheet HTML 170Page - STMicroelectronics UPSD323X Datasheet HTML 171Page - STMicroelectronics UPSD323X Datasheet HTML 172Page - STMicroelectronics UPSD323X Datasheet HTML 173Page - STMicroelectronics UPSD323X Datasheet HTML 174Page - STMicroelectronics UPSD323X Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 176 page
background image
171/176
µPSD323X
Table 142. TQFP52 – 52-lead Plastic Quad Flatpack Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
–
1.75
–
–
0.069
A1
–
0.05
0.020
–
0.002
0.008
A2
–
1.25
1.55
–
0.049
0.061
b
–
0.02
0.04
–
0.007
0.016
c
–
0.07
0.23
–
0.002
0.009
D
12.00
–
–
0.473
–
–
D1
10.00
–
–
0.394
–
–
D2
E
12.00
–
–
0.473
–
–
E1
10.00
–
–
0.394
–
–
E2
e
0.65
–
–
0.026
–
–
L
–
0.45
0.75
–
0.018
0.030
L1
1.00
–
–
0.039
–
–
α
–0
°
7
°
–0
°
7
°
n52
52
Nd
13
13
Ne
13
13
CP
–
–
0.10
–
–
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More