Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD323X Fiches technique(PDF) 81 Page - STMicroelectronics

No de pièce UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Fiches technique(HTML) 81 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 77Page - STMicroelectronics UPSD323X Datasheet HTML 78Page - STMicroelectronics UPSD323X Datasheet HTML 79Page - STMicroelectronics UPSD323X Datasheet HTML 80Page - STMicroelectronics UPSD323X Datasheet HTML 81Page - STMicroelectronics UPSD323X Datasheet HTML 82Page - STMicroelectronics UPSD323X Datasheet HTML 83Page - STMicroelectronics UPSD323X Datasheet HTML 84Page - STMicroelectronics UPSD323X Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 176 page
background image
81/176
µPSD323X
Programmer’s Guide for I2C and DDC2
The I2C serial I/O and DDC Interface operates in
four modes.
s
Master transmitter
s
Master receiver
s
Slave transmitter
s
Slave receiver
Master transmitter mode flow.
1. Read SxSTA.
2. If BBUSY == 1 then
go to step1.
Else then
write slave address to SxDAT and set both
ENI and STA, reset AA in SxCON.
3. Wait for interrupt.
4. Read SxSTA.
If BLOST == 1 or /ACK_REP == 1* then
write dummy data to SxDAT.
Go to step1.
Else then
clear STA.
5. Perform required service routines.
If this datum == LAST then
set STO in SxCON and write last data to Sx-
DAT**.
Go to step 6.
Else then
write next data to SxDAT**.
Go to step3.
6. Wait for interrupt.
Write dummy data to SxDAT**.
Note: 1. (*) If the master don’t receive the acknowledge from the
slave, it generates the STOP condition and returns to the
IDLE state.
2. (**) This action should be the last in service routine.
Slave transmitter mode flow.
1. Write slave address to SxADR, set AA and ENI
in SxCON.
2. Wait for interrupt.
3. Read SxSTA and write the first data to SxDAT*.
Reset AA in SxCON.
4. Wait for interrupt.
5. Read SxSTA.
If /ACK_REP == 1** then
Go to step7.
Else then
write the next SxDAT*.
Go to step5.
6. Write dummy data to SxDAT*.
Note: 1. (*) These actions should be the last.
2. (**) If the master want to stop the current data requests, it
don’t have to acknowledge to the slave transmitter.
3. If the slave does not receive the acknowledge from the
master, it releases the SDA and enters the IDLE state, so
if the master is to resume the data requests, it must re-
generate the START condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More