| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD323X Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD323X Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 176 page ![]() 69/176 µPSD323X Figure 34. Serial Port Mode 3, Waveforms AI06847 Write to SBUF Data Shift TxD TI Rx Clock RxD Bit Detector Sample Times Shift RI S1P1 ÷16 Reset Receive Transmit D0 D1 D2 D3 D4 D5 D6 D7 Send Tx Clock Start Bit Stop Bit TB8 D0 D1 D2 D3 D4 D5 D6 D7 Start Bit Stop Bit RB8 Stop Bit Generator |