Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74AUP1T157G-AL6-R Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce U74AUP1T157G-AL6-R
Description  Low power dissipation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1T157G-AL6-R Fiches technique(HTML) 4 Page - Unisonic Technologies

  U74AUP1T157G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1T157G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1T157G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1T157G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1T157G-AL6-R Datasheet HTML 5Page - Unisonic Technologies U74AUP1T157G-AL6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AUP1T157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R126-058.A
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.5V±0.2V,
VIN=1.8V±0.15V
1.8
2.3
2.9
ns
VCC=2.5V±0.2V
VIN=2.5V±0.2V
1.8
2.3
3.1
ns
VCC=2.5V±0.2V
VIN=3.3V±0.3V
2.0
2.7
3.5
ns
VCC=3.3V±0.3V
VIN=1.8V±0.15V
1.6
2.0
2.5
ns
VCC=3.3V±0.2V
VIN=2.5V±0.2V
1.6
1.9
2.4
ns
CL=5pF
RL=1MΩ
VCC=3.3V±0.2V
VIN=3.3V±0.3V
1.6
2.1
2.7
ns
VCC=2.5V±0.2V,
VIN=1.8V±0.15V
2.3
2.8
3.4
ns
VCC=2.5V±0.2V
VIN=2.5V±0.2V
2.2
2.8
3.5
ns
VCC=2.5V±0.2V
VIN=3.3V±0.3V
2.4
3.1
3.9
ns
VCC=3.3V±0.3V
VIN=1.8V±0.15V
2.0
2.4
2.9
ns
VCC=3.3V±0.2V
VIN=2.5V±0.2V
2.0
2.3
2.7
ns
CL=10pF
RL=1MΩ
VCC=3.3V±0.2V
VIN=3.3V±0.3V
2.0
2.4
3.0
ns
VCC=2.5V±0.2V,
VIN=1.8V±0.15V
2.6
3.1
3.8
ns
VCC=2.5V±0.2V
VIN=2.5V±0.2V
2.6
3.2
5.2
ns
VCC=2.5V±0.2V
VIN=3.3V±0.3V
2.8
3.5
4.3
ns
VCC=3.3V±0.3V
VIN=1.8V±0.15V
2.3
2.8
3.3
ns
VCC=3.3V±0.2V
VIN=2.5V±0.2V
2.3
2.7
3.1
ns
CL=15pF
RL=1MΩ
VCC=3.3V±0.2V
VIN=3.3V±0.3V
2.3
2.7
3.3
ns
VCC=2.5V±0.2V,
VIN=1.8V±0.15V
3.8
4.4
5.1
ns
VCC=2.5V±0.2V
VIN=2.5V±0.2V
3.7
4.4
5.2
ns
VCC=2.5V±0.2V
VIN=3.3V±0.3V
4.0
4.7
5.5
ns
VCC=3.3V±0.3V
VIN=1.8V±0.15V
3.4
3.9
4.4
ns
VCC=3.3V±0.2V
VIN=2.5V±0.2V
3.4
3.8
4.2
ns
Propagation delay from
input (A, B or C) to output(Y)
tPD
CL=30pF
RL=1MΩ
VCC=3.3V±0.2V
VIN=3.3V±0.3V
3.4
2.8
4.4
ns



Html Pages

1 2 3 4 5 6