Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTF8092 Fiches technique(PDF) 7 Page - Advanced Crystal Technology

No de pièce ACTF8092
Description  Low-loss RF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8092 Fiches technique(HTML) 7 Page - Advanced Crystal Technology

  ACTF8092 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 5Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 6Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Recommended Soldering Profile
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.



Html Pages

1 2 3 4 5 6 7