Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTF8092 Fiches technique(PDF) 5 Page - Advanced Crystal Technology

No de pièce ACTF8092
Description  Low-loss RF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8092 Fiches technique(HTML) 5 Page - Advanced Crystal Technology

  ACTF8092 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 5Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 6Page - Advanced Crystal Technology ACTF8092 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of components.
Test Circuit
Recommended Land Pattern
50Ω / 50Ω Configuration



Html Pages

1 2 3 4 5 6 7