Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD583 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce 2SD583
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD583 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD583 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD583 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
2SD583
DESCRIPTION
·
High Current Capability
·
Excellent Safe Operating Area
·
High DC current Gain
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for high power audio, disk head positioners
and other linear applications
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
250
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
25
A
IB
Base Current-Continuous
5
A
PD
Total Power Dissipation @TC=25℃
150
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-65~150


Numéro de pièce similaire - 2SD583

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD581 ISC-2SD581 Datasheet
221Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SD582 ETC-2SD582 Datasheet
69Kb / 1P
80~100W AUDIO AMP, POWER OUTPUT Complementary pair with 2SB612/A
logo
Inchange Semiconductor ...
2SD582 ISC-2SD582 Datasheet
221Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
2SD582A ETC-2SD582A Datasheet
69Kb / 1P
80~100W AUDIO AMP, POWER OUTPUT Complementary pair with 2SB612/A
2SD587 ETC-2SD587 Datasheet
144Kb / 1P
PNP / NPN SILICON TRIPLE DIFFUSED TRANSISTOR
More results

Description similaire - 2SD583

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29 ISC-TIP29 Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com