Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD583 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SD583
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD583 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD583 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD583 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistors
2SD583
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA ;IB= 0
250
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 8A; IB= 0.8A
1.4
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A; IB= 3A
4.0
V
VBE(on)
Base-Emitter On Voltage
IC= 8A ; VCE= 4V
2.2
V
ICEO
Collector Cutoff Current
VCE= 250V; IB= 0
0.5
mA
ICBO
Collector Cutoff Current
VCB= 250V; IE= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
0.1
mA
hFE-1
DC Current Gain
IC= 2A ; VCE= 5V
60
200
hFE-2
DC Current Gain
IC= 8A ; VCE= 5V
30
fT
Current-Gain—Bandwidth Product
IC= 1A ; VCE= 10V; ftest= 1.0MHz
4
MHz



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com