Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SMM-RJF Fiches technique(PDF) 9 Page - Cree, Inc

No de pièce C4SMM-RJF
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMM-RJF Fiches technique(HTML) 9 Page - Cree, Inc

  C4SMM-RJF Datasheet HTML 1Page - Cree, Inc C4SMM-RJF Datasheet HTML 2Page - Cree, Inc C4SMM-RJF Datasheet HTML 3Page - Cree, Inc C4SMM-RJF Datasheet HTML 4Page - Cree, Inc C4SMM-RJF Datasheet HTML 5Page - Cree, Inc C4SMM-RJF Datasheet HTML 6Page - Cree, Inc C4SMM-RJF Datasheet HTML 7Page - Cree, Inc C4SMM-RJF Datasheet HTML 8Page - Cree, Inc C4SMM-RJF Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
Cree 4-mm Oval LED
C4SMM-RJF/GJF/BJF
PACKAGING
Features:
•
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
•
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
•
The boxes are not water resistant, and they must be kept away from water and moisture.
•
The Bulk Pack types of packaging.
•
Max 1000 pcs per bulk and Max 3000 pcs per ammo.
Bulk Pack Packaging Type:
Ammo Pack Packaging Type:
10 bags/carton
Label


A XXXXXXXXXXX
(anti-electrostatic
bag)






xxx xxx











Html Pages

1 2 3 4 5 6 7 8 9