| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMM-RJF Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMM-RJF Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMM-RJF/GJF/BJF ORDER CODE TABLE* C4SMM-RJF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMM-RJF-CR4T3BB1 715 1415 RB 619 RB 624 Bulk Red C4SMM-RJF-CS14QBB1 Any 4 consecutive sub-bins: S1(770) - T2(1310) RB 619 RB 624 Bulk Red C4SMM-RJF-CS24QBB1 Any 4 consecutive sub-bins: S2(852) - T3(1415) RB 619 RB 624 Bulk Red C4SMM-RJF-CR4T3BB2 715 1415 RB 619 RB 624 Ammo Red C4SMM-RJF-CS14QBB2 Any 4 consecutive sub-bins: S1(770) - T2(1310) RB 619 RB 624 Ammo Red C4SMM-RJF-CS24QBB2 Any 4 consecutive sub-bins: S2(852) - T3(1415) RB 619 RB 624 Ammo C4SMM-GJF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMM-GJF-CT2V1791 1205 2347 G7 520 G9 535 Bulk Green C4SMM-GJF-CT34Q7C1 Any 4 consecutive sub-bins: T3(1310) - U4(2130) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMM-GJF-CT44Q7C1 Any 4 consecutive sub-bins: T4(1415) - V1(2347) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMM-GJF-CT2V1792 1205 2347 G7 520 G9 535 Ammo Green C4SMM-GJF-CT34Q7C2 Any 4 consecutive sub-bins: T3(1310) - U4(2130) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMM-GJF-CT44Q7C2 Any 4 consecutive sub-bins: T4(1415) - V1(2347) Any 1 color bin from G7 (520) to G9 (535) Ammo |