| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP652 Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP652 Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 62 page ![]() MCP651/1S/2/3/4/5/9 DS20002146D-page 20 2009-2014 Microchip Technology Inc. 3.0 PIN DESCRIPTIONS Descriptions of the pins are listed in Table 3-1. TABLE 3-1: PIN FUNCTION TABLE MCP651 MCP651S MCP652 MCP653 MCP654 MCP655 MCP659 Symbol Description SOIC TDFN SOT SOIC DFN SOT SOIC TSSOP MSOP DFN QFN 66 1 1 1 1 1 1 1 1 16 VOUT, VOUTA Output (op amp A) 22 4 2 2 4 2 2 2 2 1 VIN–, VINA– Inverting Input (op amp A) 33 3 3 3 3 3 3 3 3 2 VIN+, VINA+ Non-inverting Input (op amp A) 4 4 2 4 4211 11 4 4 11 VSS Negative Power Supply 88 — — — 5 — — 5 5 — CAL/CS, CALA/CSA Calibrate/Chip Select Digital Input (op amp A) —— — — — — — — 6 6 — CALB/CSB Calibrate/Chip Select Digital Input (op amp B) — — — — — — — — — — 15 CALAD/ CSAD Calibrate/Chip Select Digital Input (op amps A and D) —— — — — — — — — — 7 CALBC/ CSBC Calibrate/Chip Select Digital Input (op amps B and C) —— — 5 5 — 5 5 7 7 4 VINB+ Non-inverting Input (op amp B) —— — 6 6 — 6 6 8 8 5 VINB– Inverting Input (op amp B) —— — 7 7 — 7 7 9 9 6 VOUTB Output (op amp B) — — — — — — 10 10 — — 10 VINC+ Non-inverting input (op amp C) —— — — — — 9 9 — — 9 VINC- Inverting Input (op amp C) —— — — — — 8 8 — — 8 VOUTC Output (op amp C) — — — — — — 12 12 — — 12 VIND+ Non-inverting Input (op amp D) — — — — — — 13 13 — — 13 VIND- Inverting Input (op amp D) — — — — — — 14 14 — — 14 VOUTD Output (op amp D) 7 7 5 8 8 6 4 4 10 10 3 VDD Positive Power Supply 55 — — — — — — — — — VCAL Calibration Com- mon Mode Voltage Input 1 1 — — — — — — — — — NC No Internal Connection — 9 — — 9 — — — — 11 17 EP Exposed Thermal Pad (EP); must be connected to VSS |