| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP652 Fiches technique(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP652 Fiches technique(HTML) 30 Page - Microchip Technology |
|
30 / 62 page ![]() MCP651/1S/2/3/4/5/9 DS20002146D-page 30 2009-2014 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (3x3) (MCP652) Example: XXXX YYWW NNN DABP 1124 256 Device Code MCP652 DABP Note: Applies to 8-Lead 3x3 DFN XXNN XXNN 6-Lead SOT-23 (2x3) (MCP653) Example: 5-Lead SOT-23 (2x3) (MCP651S) Example: YW25 JD25 8-Lead TDFN(2x3) (MCP651) Example: AAZ 25 124 |