Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS1871SF Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Fiches technique(HTML) 35 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 31Page - Microchip Technology IS1871SF Datasheet HTML 32Page - Microchip Technology IS1871SF Datasheet HTML 33Page - Microchip Technology IS1871SF Datasheet HTML 34Page - Microchip Technology IS1871SF Datasheet HTML 35Page - Microchip Technology IS1871SF Datasheet HTML 36Page - Microchip Technology IS1871SF Datasheet HTML 37Page - Microchip Technology IS1871SF Datasheet HTML 38Page - Microchip Technology IS1871SF Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
FIGURE A-3:
IS1871 APPLICATION CIRCUIT
Note 1:
The C13, C14, L4, C12, C11, C10, C3, and C4 should be as close to the chip as possible.
2:
The value of the antenna matching component depends on the user’s antenna and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44