Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS1871SF Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Fiches technique(HTML) 33 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 29Page - Microchip Technology IS1871SF Datasheet HTML 30Page - Microchip Technology IS1871SF Datasheet HTML 31Page - Microchip Technology IS1871SF Datasheet HTML 32Page - Microchip Technology IS1871SF Datasheet HTML 33Page - Microchip Technology IS1871SF Datasheet HTML 34Page - Microchip Technology IS1871SF Datasheet HTML 35Page - Microchip Technology IS1871SF Datasheet HTML 36Page - Microchip Technology IS1871SF Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
APPENDIX A:
REFERENCE CIRCUIT
Figure A-1 and Figure A-3 illustrate a typical application circuit of the IS1870
and IS1871.
The application circuit lists the RF matching circuit, PMU power tree, LED
option, test points, and configuration table. The GPIOs can be configured to
general I/O functions or the function of ADC, PTS, PWM, and external
32.768 KHz crystal.
FIGURE A-1:
IS1870 APPLICATION CIRCUIT
Note 1:
The C13, C14, L4, C12, C11, C10, C3, and C4 should be as close to the chip as possible.
2:
The value of the antenna matching component depends on the user’s antenna and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44