Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS1871 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce IS1871
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button IS1871 Datasheet HTML 7Page - Microchip Technology IS1871 Datasheet HTML 8Page - Microchip Technology IS1871 Datasheet HTML 9Page - Microchip Technology IS1871 Datasheet HTML 10Page - Microchip Technology IS1871 Datasheet HTML 11Page - Microchip Technology IS1871 Datasheet HTML 12Page - Microchip Technology IS1871 Datasheet HTML 13Page - Microchip Technology IS1871 Datasheet HTML 14Page - Microchip Technology IS1871 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 11
IS1870/71
46
—
P2_5
DIO
AI
DO
GPIO: P2_5
ADC input: AD15
PWM3
47
—
P2_6
DIO
P26
48
31
P2_7
DIO
AI
DO
GPIO: P27
ADC input: AD14
SPI bus: NCS2, second SPI bus (Master mode)
IS1870
Pin No.
IS1871
Pin No.
Pin Name
Type
Description
Legend:
A = Analog
D = Digital
I = Input
O = Output
P = Power
IS1870SF_IS1871SF.book Page 11 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44