Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS1871 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce IS1871
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button IS1871 Datasheet HTML 3Page - Microchip Technology IS1871 Datasheet HTML 4Page - Microchip Technology IS1871 Datasheet HTML 5Page - Microchip Technology IS1871 Datasheet HTML 6Page - Microchip Technology IS1871 Datasheet HTML 7Page - Microchip Technology IS1871 Datasheet HTML 8Page - Microchip Technology IS1871 Datasheet HTML 9Page - Microchip Technology IS1871 Datasheet HTML 10Page - Microchip Technology IS1871 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 7
IS1870/71
Pin Description
Figure 1-3 and Figure 1-4 illustrate the IS1870 and
IS1871 pin assignment details, and Table 1-2 provides
the functions of the various pins.
FIGURE 1-3:
IS1870 PIN ASSIGNMENT
IS1870SF_IS1871SF.book Page 7 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44