Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1812JS Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD1812JS
Description  SoundPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1812JS Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD1812JS Datasheet HTML 12Page - Analog Devices AD1812JS Datasheet HTML 13Page - Analog Devices AD1812JS Datasheet HTML 14Page - Analog Devices AD1812JS Datasheet HTML 15Page - Analog Devices AD1812JS Datasheet HTML 16Page - Analog Devices AD1812JS Datasheet HTML 17Page - Analog Devices AD1812JS Datasheet HTML 18Page - Analog Devices AD1812JS Datasheet HTML 19Page - Analog Devices AD1812JS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD1812
REV. 0
–16–
A detailed map of all direct and indirect register contents is summarized for reference as follows:
Table XVIII. Codec Direct Registers (16-Bit Interface)
Direct Address
Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WSS Base
res
res
res
res
res
res
res
res
INIT
MCE
TRD
IXA4
IXA3
IXA2
IXA1
IXA0
WSS Base+2
res
res
res
res
res
res
res
res
IXD7 IXD6 IXD5 IXD4 IXD3 IXD2 IXD1 IXD0
WSS Base+4
res
res
res
res
res
res
res
res
CU/L
CL/R CRDY SOUR PU/L
PL/R PRDY
INT
WSS Base+6 (read) CD15 CD14 CD13 CD12 CD11 CD10
CD9
CD8
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
WSS Base+6 (write) PD15 PD14 PD13 PD12 PD11 PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Table XIX. Codec Indirect Registers
Indirect Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
LSS1
LSS0
LMGE
res
LIG3
LIG2
LIG1
LIG0
0x01
RSS1
RSS0
RMGE
res
RIG3
RIG2
RIG1
RIG0
0x02
LMX1
res
res
LX1A4
LX1A3
LX1A2
LX1A1
LX1A0
0x03
RMX1
res
res
RX1A4
RX1A3
RX1A2
RX1A1
RX1A0
0x04
LMX2
res
res
LX2A4
LX2A3
LX2A2
LX2A1
LX2A0
0x05
RMX2
res
res
RX2A4
RX2A3
RX2A2
RX2A1
RX2A0
0x06
LDM
res
LDA5
LDA4
LDA3
LDA2
LDA1
LDA0
0x07
RDM
res
RDA5
RDA4
RDA3
RDA2
RDA1
RDA0
0x08
PFMT1
PFMT0
PC/L
PS/M
PBSW
PINF8
res
res
0x09
CPIO
PPIO
res
res
ACAL
SDC
CEN
PEN
0x0A
XCTL1
XCTL0
res
res
res
res
IEN
res
0x0B
COR
PUR
ACI
DRS
ORR1
ORR0
ORL1
ORL0
0x0C
MID
res
res
res
ID3
ID2
ID1
ID0
0x0D
DMA5
DMA4
DMA3
DMA2
DMA1
DMA0
res
DME
0x0E
UB7
UB6
UB5
UB4
UB3
UB2
UB1
UB0
0x0F
LB7
LB6
LB5
LB4
LB3
LB2
LB1
LB0
0x10
OL
TE
LMG4
LMG3
LMG2
LMG1
LMG0
DACZ
0x11
LMME
RMME
RMG4
RMG3
RMG2
RMG1
RMG0
res
0x12
LLM
res
res
LLG4
LLG3
LLG2
LLG1
LLG0
0x13
RLM
res
res
RLG4
RLG3
RLG2
RLLG1
RLG0
0x14
TL7
TL6
TL5
TL4
TL3
TL2
TL1
TL0
0x15
TU7
TU6
TU5
TU4
TU3
TU2
TU1
TU0
0x16
FU7
FU6
FU5
FU4
FU3
FU2
FU1
FU0
0x17
FL7
FL6
FL5
FL4
FL3
FL2
FL1
FL0
0x18
res
TI
CI
PI
CU
CO
PO
PU
0x19
V2
V1
V0
res
res
CID2
CID1
CID0
0x1A
MIM
MOM
res
res
MIA3
MIA2
MIA1
MIA0
0x1B
ADCPWD DACPWD MIXPWD
res
res
res
res
res
0x1C
CFMT1
CFMT0
CC/L
CS/M
CBSW
CINF8
res
res
0x1D
res
res
res
res
res
res
res
TOTPWD
0x1E
CUB7
CUB6
CUB5
CUB4
CUB3
CUB2
CUB1
CUB0
0x1F
CLB7
CLB6
CLB5
CLB4
CLB3
CLB2
CLB1
CLB0
Note that the only sticky bit in any of the Codec control registers is the interrupt (INT) bit. All other bits change with every sample
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20