| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1812JS Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1812JS Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 20 page ![]() AD1812 REV. 0 –5– TIMING PARAMETERS (GUARANTEED OVER OPERATING TEMPERATURE RANGE) Parameter Symbol Min Typ Max Units IOW /IOR Strobe Width tSTW 100 ns IOW /IOR Rising to IOW/IOR Falling tBWDN 80 ns Write Data Setup to IOW Rising tWDSU 10 ns IOR Falling to Valid Read Data tRDDV 40 ns AEN Setup to IOW/IOR Falling tAESU 10 ns AEN Hold from IOW/IOR Rising tAEHD 0ns Adr Setup to IOW/IOR Falling tADSU 10 ns Adr Hold from IOW/IOR Rising tADHD 10 ns DACK Rising to IOW/IOR Falling tDKSU1 20 ns IOW /IOR Rising to DACK Falling tDKHD1 0ns DACK Setup to IOW/IOR Falling tDKSU2 10 ns Data Hold from IOR Rising tDHD1 20 ns Data Hold from IOW Rising tDHD2 15 ns DRQ Hold from IOW/IOR Falling tDRHD 25 ns DACK Hold from IOW Rising tDKHD2 10 ns DACK Hold from IOR Rising tDKHD3 10 ns *Guaranteed, not tested. Specifications subject to change without notice. General Notes Use the exact timing information given. Do not attempt to derive parameters from the addition or subtraction of others. While addition or subtraction would yield meaningful results for an additional device, the values given in this data sheet reflect statistical variations and worst cases. Consequently, you cannot meaningfully add up parameters to derive longer times. Note that all 8-bit DMA transfers occur on channels 0, 1, and 3, while all 16-bit DMA transfers occur on channels 5, 6, and 7. tDKSU1 tDKHD1 tAESU tAEHD tSTW tRDDV tDHD1 tADHD tADSU DRQ (0, 1, 3, 5, 6, 7) DACK (0, 1, 3, 5, 6, 7) AEN IOR PC_D (7:0) / PC_D (15:0) PC_A (15:0) Figure 1. PIO Read Cycle tDKHD3 tAESU tAEHD tRDDV tDHD1 tDKSU2 tDRHD DRQ (0, 1, 3, 5, 6, 7) DACK (0, 1, 3, 5, 6, 7) AEN IOR PC_D (7:0) / PC_D (15:0) tSTW Figure 3. DMA Read Cycle tDKSU1 tDKHD1 tAESU tAEHD tSTW tDHD2 tADHD DRQ (0, 1, 3, 5, 6, 7) DACK (0, 1, 3, 5, 6, 7) AEN IOW PC_D (7:0) / PC_D (15:0) PC_A (15:0) tADSU tWDSU Figure 2. PIO Write Cycle tDKHD2 tAESU tAEHD tDHD2 tDKSU2 tDRHD DRQ (0, 1, 3, 5, 6, 7) DACK (0, 1, 3, 5, 6, 7) AEN IOW PC_D (7:0) / PC_D (15:0) tSTW tWDSU Figure 4. DMA Write Cycle |