Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413VG Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STM32F413VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413VG Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STM32F413VG Datasheet HTML 62Page - STMicroelectronics STM32F413VG Datasheet HTML 63Page - STMicroelectronics STM32F413VG Datasheet HTML 64Page - STMicroelectronics STM32F413VG Datasheet HTML 65Page - STMicroelectronics STM32F413VG Datasheet HTML 66Page - STMicroelectronics STM32F413VG Datasheet HTML 67Page - STMicroelectronics STM32F413VG Datasheet HTML 68Page - STMicroelectronics STM32F413VG Datasheet HTML 69Page - STMicroelectronics STM32F413VG Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 207 page
background image
PB0
-
TIM1_
CH2N
TIM3_
CH3
TIM8_
CH2N
--
SPI5_SCK/I
2S5_CK
--
-
-
-
-
-
-
EVENT
OUT
PB1
-
TIM1_
CH3N
TIM3_
CH4
TIM8_
CH3N
--
SPI5_NSS/
I2S5_WS
-
DFSDM1_
DATIN0
QUADSPI_C
LK
--
-
-
-
EVENT
OUT
PB2
-
LPTIM1_
OUT
--
-
-
DFSDM1_
CKIN0
--
QUADSPI_C
LK
--
-
-
-
EVENT
OUT
PB3
JTDO-
SWO
TIM2_CH2
-
-
I2CFMP1
_SDA
SPI1_SCK/I
2S1_CK
SPI3_SCK/I
2S3_CK
USART1_R
X
UART7_
RX
I2C2_SDA
SAI1_SD_A
CAN3_
RX
--
-
EVENT
OUT
PB4
JTRST
-
TIM3_
CH1
-
-
SPI1_MISO SPI3_MISO I2S3ext_SD
UART7_
TX
I2C3_SDA
SAI1_SCK_
A
CAN3_
TX
SDIO_D0
-
-
EVENT
OUT
PB5
-
LPTIM1_
IN1
TIM3_
CH2
-
I2C1_
SMBA
SPI1_MOSI/
I2S1_SD
SPI3_MOSI/
I2S3_SD
-
-
CAN2_RX
SAI1_FS_A
UART5_
RX
SDIO_D3
-
-
EVENT
OUT
PB6
-
LPTIM1_
ETR
TIM4_
CH1
-
I2C1_SC
L
-
DFSDM2_
CKIN7
USART1_T
X
-
CAN2_TX
QUADSPI_
BK1_NCS
UART5_
TX
SDIO_D0
-
-
EVENT
OUT
PB7
-
LPTIM1_
IN2
TIM4_
CH2
-
I2C1_
SDA
-
DFSDM2_
DATIN7
USART1_
RX
--
-
-
FSMC_NL
-
-
EVENT
OUT
PB8
-
LPTIM1_
OUT
TIM4_
CH3
TIM10_
CH1
I2C1_
SCL
-
SPI5_MOSI/
I2S5_SD
DFSDM2_
CKIN1
CAN1_RX
I2C3_SDA
-
UART5_
RX
SDIO_D4
-
-
EVENT
OUT
PB9
-
-
TIM4_
CH4
TIM11_
CH1
I2C1_
SDA
SPI2_NSS/I
2S2_WS
DFSDM2_
DATIN1
-
CAN1_TX
I2C2_SDA
-
UART5_
TX
SDIO_D5
-
-
EVENT
OUT
PB10
-
TIM2_CH3
-
-
I2C2_
SCL
SPI2_SCK/I
2S2_CK
I2S3_MCK
USART3_T
X
-
I2CFMP4_S
CL
DFSDM2_C
KOUT
-
SDIO_D7
-
-
EVENT
OUT
PB11
-
TIM2_CH4
-
-
I2C2_
SDA
I2S2_CKIN
-
USART3_R
X
--
-
-
-
-
-
EVENT
OUT
PB12
-
TIM1_
BKIN
--
I2C2_
SMBA
SPI2_NSS/I
2S2_WS
SPI4_NSS/
I2S4_WS
SPI3_SCK/
I2S3_CK
USART3_
CK
CAN2_RX
DFSDM1_
DATIN1
UART5_
RX
FSMC_D13/
FSMC_DA13
--
EVENT
OUT
PB13
-
TIM1_
CH1N
--
I2CFMP1
_SMBA
SPI2_SCK/I
2S2_CK
SPI4_SCK/
I2S4_CK
-
USART3_
CTS
CAN2_TX
DFSDM1_
CKIN1
UART5_
TX
--
-
EVENT
OUT
PB14
-
TIM1_
CH2N
-
TIM8_
CH2N
I2CFMP1
_SDA
SPI2_MISO I2S2ext_SD
USART3_
RTS
DFSDM1_
DATIN2
TIM12_CH1
FSMC_D0
-
SDIO_D6
-
-
EVENT
OUT
PB15
RTC_
REFIN
TIM1_
CH3N
-
TIM8_
CH3N
I2CFMP1
_SCL
SPI2_MOSI/
I2S2_SD
--
DFSDM1_
CKIN2
TIM12_CH2
-
-
SDIO_CK
-
-
EVENT
OUT
Table 11. STM32F413xG/H alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More