Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413VG Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce STM32F413VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413VG Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button STM32F413VG Datasheet HTML 55Page - STMicroelectronics STM32F413VG Datasheet HTML 56Page - STMicroelectronics STM32F413VG Datasheet HTML 57Page - STMicroelectronics STM32F413VG Datasheet HTML 58Page - STMicroelectronics STM32F413VG Datasheet HTML 59Page - STMicroelectronics STM32F413VG Datasheet HTML 60Page - STMicroelectronics STM32F413VG Datasheet HTML 61Page - STMicroelectronics STM32F413VG Datasheet HTML 62Page - STMicroelectronics STM32F413VG Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 207 page
background image
DocID029162 Rev 2
59/207
STM32F413xG/H
Pinouts and pin description
72
-39
E1
65
E10
F11
98
PC8
I/O
FT
-
TIM3_CH3, TIM8_CH3,
DFSDM2_CKIN3,
USART6_CK,
QUADSPI_BK1_IO2,
SDIO_D0, EVENTOUT
-
-40
E2
66
D12
E11
99
PC9
I/O
FT
-
MCO_2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S2_CKIN,
DFSDM2_DATIN3,
QUADSPI_BK1_IO0,
SDIO_D1, EVENTOUT
-
29 41 D3
67
D11
E12 100
PA8
I/O
FT
-
MCO_1, TIM1_CH1,
I2C3_SCL,
DFSDM1_CKOUT,
USART1_CK,
UART7_RX,
USB_FS_SOF,
CAN3_RX, SDIO_D1,
EVENTOUT
-
30 42 D2
68
D10
D12 101
PA9
I/O
FT
-
TIM1_CH2,
DFSDM2_CKIN3,
I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX,
USB_FS_VBUS,
SDIO_D2, EVENTOUT
-
31 43 D1
69
C12
D11
102
PA10
I/O
FT
-
TIM1_CH3,
DFSDM2_DATIN3,
SPI2_MOSI/I2S2_SD,
SPI5_MOSI/I2S5_SD,
USART1_RX,
USB_FS_ID,
EVENTOUT
-
32 44 C3
70
B12
C12 103
PA11
I/O
FT
-
TIM1_CH4,
DFSDM2_CKIN5,
SPI2_NSS/I2S2_WS,
SPI4_MISO,
USART1_CTS,
USART6_TX,
CAN1_RX,
USB_FS_DM,
UART4_RX,
EVENTOUT
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More