Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413RG Fiches technique(PDF) 105 Page - STMicroelectronics

No de pièce STM32F413RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RG Fiches technique(HTML) 105 Page - STMicroelectronics

Back Button STM32F413RG Datasheet HTML 101Page - STMicroelectronics STM32F413RG Datasheet HTML 102Page - STMicroelectronics STM32F413RG Datasheet HTML 103Page - STMicroelectronics STM32F413RG Datasheet HTML 104Page - STMicroelectronics STM32F413RG Datasheet HTML 105Page - STMicroelectronics STM32F413RG Datasheet HTML 106Page - STMicroelectronics STM32F413RG Datasheet HTML 107Page - STMicroelectronics STM32F413RG Datasheet HTML 108Page - STMicroelectronics STM32F413RG Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 207 page
background image
DocID029162 Rev 2
105/207
STM32F413xG/H
Electrical characteristics
174
6.3.7
Wakeup time from low-power modes
The wakeup times given in Table 39 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep modes: the wakeup event is WFE.
•
WKUP (PA0/PC0/PC1) pins are used to wakeup from Standby, Stop and Sleep modes.
APB2
AHB-APB2 bridge
0.10
0.11
0.09
µA/MHz
TIM1
6.78
6.46
5.80
TIM8
6.94
6.62
5.94
USART1
3.14
3.00
2.69
USART6
3.12
2.98
2.67
UART9
2.89
1.98
1.75
UART10
2.91
2.00
1.77
ADC1
3.45
3.29
2.95
SDIO
3.54
3.37
3.03
SPI1
1.52
1.46
1.31
SPI4
1.50
1.43
1.28
SYSCFG
0.58
0.55
0.50
EXT1
0.91
0.86
0.78
TIM9
2.95
2.81
2.53
TIM10
1.88
1.79
1.61
TIM11
1.86
1.77
1.59
SPI5
1.50
1.43
1.30
SAI
2.89
2.75
2.47
DFSDM1
4.43
4.21
3.80
DFSDM2
7.08
6.76
6.05
Bus Matrix
4.06
3.87
3.45
1. N is the number of stream enable (1...8).
Table 38. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More