| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F413RG Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413RG Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 207 page ![]() Pinouts and pin description STM32F413xG/H 62/207 DocID029162 Rev 2 - - - - - D8 125 PG10 I/O FT - FSMC_NE3, EVENTOUT - - - - - - C8 126 PG11 I/O FT - CAN2_RX, UART10_RX, EVENTOUT - - - - - - B8 127 PG12 I/O FT - USART6_RTS, CAN2_TX, UART10_TX, FSMC_NE4, EVENTOUT - - - - - - D7 128 PG13 I/O FT - TRACED2, USART6_CTS, FSMC_A24, EVENTOUT - - - - - - C7 129 PG14 I/O FT - TRACED3, USART6_TX, QUADSPI_BK2_IO3, FSMC_A25, EVENTOUT - - - - - - - 130 VSS S - - - - - - - - - F6 131 VDD S - - - - - - - - - B7 132 PG15 I/O FT - USART6_CTS, EVENTOUT - 39 55 A5 89 A8 A7 133 PB3 I/O FTf - JTDO-SWO, TIM2_CH2, I2CFMP1_SDA, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, USART1_RX, UART7_RX, I2C2_SDA, SAI1_SD_A, CAN3_RX, EVENTOUT - 40 56 B5 90 A7 A6 134 PB4 I/O FT - JTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, I2S3ext_SD, UART7_TX, I2C3_SDA, SAI1_SCK_A, CAN3_TX, SDIO_D0, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |