Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413RG Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STM32F413RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RG Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STM32F413RG Datasheet HTML 52Page - STMicroelectronics STM32F413RG Datasheet HTML 53Page - STMicroelectronics STM32F413RG Datasheet HTML 54Page - STMicroelectronics STM32F413RG Datasheet HTML 55Page - STMicroelectronics STM32F413RG Datasheet HTML 56Page - STMicroelectronics STM32F413RG Datasheet HTML 57Page - STMicroelectronics STM32F413RG Datasheet HTML 58Page - STMicroelectronics STM32F413RG Datasheet HTML 59Page - STMicroelectronics STM32F413RG Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 207 page
background image
Pinouts and pin description
STM32F413xG/H
56/207
DocID029162 Rev 2
21 29 H3
47
L10
M9
69
PB10
I/O
FTf
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
I2S3_MCK,
USART3_TX,
I2CFMP4_SCL,
DFSDM2_CKOUT,
SDIO_D7, EVENTOUT
-
-
-
NC
-
K9
M10
70
PB11
I/O
FT
-
TIM2_CH4, I2C2_SDA,
I2S2_CKIN,
USART3_RX,
EVENTOUT
-
22 30 H2
48
L11
H7
71
VCAP_1
S
-
-
-
-
23 31
J2
49
F12
-
-
VSS
S
-
-
-
-
24 32
J1
50
G12
G7
72
VDD
S
-
-
-
-
25 33
F3
51
L12
M11
73
PB12
I/O
FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
SPI4_NSS/I2S4_WS,
SPI3_SCK/I2S3_CK,
USART3_CK,
CAN2_RX,
DFSDM1_DATIN1,
UART5_RX,
FSMC_D13/FSMC_DA1
3, EVENTOUT
-
26 34 G2
52
K12
M12
74
PB13
I/O
FT
-
TIM1_CH1N,
I2CFMP1_SMBA,
SPI2_SCK/I2S2_CK,
SPI4_SCK/I2S4_CK,
USART3_CTS,
CAN2_TX,
DFSDM1_CKIN1,
UART5_TX, EVENTOUT
-
27 35
E3
53
K11
L11
75
PB14
I/O
FTf
-
TIM1_CH2N,
TIM8_CH2N,
I2CFMP1_SDA,
SPI2_MISO,
I2S2ext_SD,
USART3_RTS,
DFSDM1_DATIN2,
TIM12_CH1, FSMC_D0,
SDIO_D6, EVENTOUT
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More