Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413MG Fiches technique(PDF) 162 Page - STMicroelectronics

No de pièce STM32F413MG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413MG Fiches technique(HTML) 162 Page - STMicroelectronics

Back Button STM32F413MG Datasheet HTML 158Page - STMicroelectronics STM32F413MG Datasheet HTML 159Page - STMicroelectronics STM32F413MG Datasheet HTML 160Page - STMicroelectronics STM32F413MG Datasheet HTML 161Page - STMicroelectronics STM32F413MG Datasheet HTML 162Page - STMicroelectronics STM32F413MG Datasheet HTML 163Page - STMicroelectronics STM32F413MG Datasheet HTML 164Page - STMicroelectronics STM32F413MG Datasheet HTML 165Page - STMicroelectronics STM32F413MG Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 207 page
background image
Electrical characteristics
STM32F413xG/H
162/207
DocID029162 Rev 2
Figure 55. Asynchronous multiplexed PSRAM/NOR read waveforms
1. CL = 30 pF.
2. Based on characterization.
Table 90. Asynchronous non-multiplexed SRAM/PSRAM/NOR write -
NWAIT timings(1)(2)
1. CL = 30 pF.
2. Based on characterization.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
8 * tHCLK - 1
8 * tHCLK + 1
ns
tw(NWE)
FSMC_NWE low time
6 * tHCLK - 1.5 6 * tHCLK + 0.5
tsu(NWAIT_NE) FSMC_NWAIT valid before FSMC_NEx high
6 * tHCLK - 1
-
th(NE_NWAIT)
FSMC_NEx hold time after FSMC_NWAIT
invalid
4 * tHCLK + 2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More