Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413MG Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce STM32F413MG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413MG Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button STM32F413MG Datasheet HTML 71Page - STMicroelectronics STM32F413MG Datasheet HTML 72Page - STMicroelectronics STM32F413MG Datasheet HTML 73Page - STMicroelectronics STM32F413MG Datasheet HTML 74Page - STMicroelectronics STM32F413MG Datasheet HTML 75Page - STMicroelectronics STM32F413MG Datasheet HTML 76Page - STMicroelectronics STM32F413MG Datasheet HTML 77Page - STMicroelectronics STM32F413MG Datasheet HTML 78Page - STMicroelectronics STM32F413MG Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 207 page
background image
DocID029162 Rev 2
75/207
STM32F413xG/H
Memory mapping
76
APB2
0x4001 6800- 0x4001 FFFF
Reserved
0x4001 6400 - 0x4001 67FF
DFSDM2
0x4001 6000 - 0x4001 63FF
DFSDM1
0x4001 5C00 - 0x4001 5FFF
Reserved
0x4001 5800 - 0x4001 5BFF
SAI1
0x4001 5400 - 0x4001 57FF
Reserved
0x4001 5000 - 0x4001 53FF
SPI5/I2S5
0x4001 4C00 - 0x4001 4FFF
Reserved
0x4001 4800 - 0x4001 4BFF
TIM11
0x4001 4400 - 0x4001 47FF
TIM10
0x4001 4000 - 0x4001 43FF
TIM9
0x4001 3C00 - 0x4001 3FFF
EXTI
0x4001 3800 - 0x4001 3BFF
SYSCFG
0x4001 3400 - 0x4001 37FF
SPI4/I2S4
0x4001 3000 - 0x4001 33FF
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
SDIO
0x4001 2400 - 0x4001 2BFF
Reserved
0x4001 2000 - 0x4001 23FF
ADC1/2/3
0x4001 1C00 - 0x4001 1FFF
UART10
0x4001 1800 - 0x4001 1BFF
UART9
0x4001 1400 - 0x4001 17FF
USART6
0x4001 1000 - 0x4001 13FF
USART1
0x4001 0800 - 0x4001 0FFF
Reserved
0x4001 0400 - 0x4001 07FF
TIM8
0x4001 0000 - 0x4001 03FF
TIM1
Table 12. STM32F413xG/H register boundary addresses (continued)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More