| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F413MG Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413MG Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 207 page ![]() Table 11. STM32F413xG/H alternate functions Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF PA0 - TIM2_CH1 /TIM2_ ETR TIM5_ CH1 TIM8_ETR - - - USART2_ CTS UART4_ TX -- - - - - EVENT OUT PA1 - TIM2_CH2 TIM5_ CH2 -- SPI4_MOSI/ I2S4_SD - USART2_ RTS UART4_ RX QUADSPI_ BK1_IO3 -- - - - EVENT OUT PA2 - TIM2_CH3 TIM5_ CH3 TIM9_CH1 - I2S2_CKIN - USART2_ TX -- - - FSMC_D4 - - EVENT OUT PA3 - TIM2_CH4 TIM5_ CH4 TIM9_CH2 - I2S2_MCK - USART2_ RX - - SAI1_SD_B - FSMC_D5 - - EVENT OUT PA4 - - - - - SPI1_NSS/I 2S1_WS SPI3_NSS/I 2S3_WS USART2_ CK DFSDM1_ DATIN1 - - - FSMC_D6 - - EVENT OUT PA5 - TIM2_CH1 /TIM2_ ETR - TIM8_CH1N - SPI1_SCK/I 2S1_CK -- DFSDM1_ CKIN1 - - - FSMC_D7 - - EVENT OUT PA6 - TIM1_ BKIN TIM3_ CH1 TIM8_BKIN - SPI1_MISO I2S2_MCK DFSDM2_ CKIN1 - TIM13_ CH1 QUADSPI_ BK2_IO0 - SDIO_ CMD -- EVENT OUT PA7 - TIM1_ CH1N TIM3_ CH2 TIM8_ CH1N - SPI1_MOSI/ I2S1_SD - DFSDM2_ DATIN1 - TIM14_ CH1 QUADSPI_ BK2_IO1 -- - - EVENT OUT PA8 MCO_1 TIM1_CH1 - - I2C3_ SCL - DFSDM1_ CKOUT USART1_ CK UART7_ RX - USB_FS_ SOF CAN3_ RX SDIO_ D1 -- EVENT OUT PA9 - TIM1_CH2 - DFSDM2_ CKIN3 I2C3_ SMBA SPI2_SCK/I 2S2_CK - USART1_ TX -- USB_FS_ VBUS - SDIO_ D2 -- EVENT OUT PA10 - TIM1_CH3 - DFSDM2_ DATIN3 - SPI2_MOSI/ I2S2_SD SPI5_MOSI/ I2S5_SD USART1_ RX -- USB_FS_ ID -- - - EVENT OUT PA11 - TIM1_CH4 - DFSDM2_ CKIN5 - SPI2_NSS/I 2S2_WS SPI4_MISO USART1_ CTS USART6_ TX CAN1_RX USB_FS_ DM UART4_ RX -- - EVENT OUT PA12 - TIM1_ETR - DFSDM2_ DATIN5 - SPI2_MISO SPI5_MISO USART1_ RTS USART6_ RX CAN1_TX USB_FS_ DP UART4_ TX -- - EVENT OUT PA13 JTMS- SWDIO -- - - - - - - - - - - - - EVENT OUT PA14 JTCK- SWCLK -- - - - - - - - - - - - - EVENT OUT PA15 JTDI TIM2_CH1 /TIM2_ ETR -- - SPI1_NSS/ I2S1_WS SPI3_NSS/ I2S3_WS USART1_ TX UART7_ TX - SAI1_ MCLK_A CAN3_ TX -- - EVENT OUT |