Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413CH Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STM32F413CH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CH Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STM32F413CH Datasheet HTML 51Page - STMicroelectronics STM32F413CH Datasheet HTML 52Page - STMicroelectronics STM32F413CH Datasheet HTML 53Page - STMicroelectronics STM32F413CH Datasheet HTML 54Page - STMicroelectronics STM32F413CH Datasheet HTML 55Page - STMicroelectronics STM32F413CH Datasheet HTML 56Page - STMicroelectronics STM32F413CH Datasheet HTML 57Page - STMicroelectronics STM32F413CH Datasheet HTML 58Page - STMicroelectronics STM32F413CH Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 207 page
background image
DocID029162 Rev 2
55/207
STM32F413xG/H
Pinouts and pin description
72
-
-
J5
40
M8
K7
60
PE9
I/O
FT
-
TIM1_CH1,
DFSDM1_CKOUT,
QUADSPI_BK2_IO2,
FSMC_D6/FSMC_DA6,
EVENTOUT
-
-
-
-
-
-
H6
61
VSS
S
-
-
-
-
--
-
-
-
G6
62
VDD
S
-
-
-
-
-
-
G4
41
L8
J7
63
PE10
I/O
FT
-
TIM1_CH2N,
DFSDM2_DATIN0,
QUADSPI_BK2_IO3,
FSMC_D7/FSMC_DA7,
EVENTOUT
-
-
-
H4
42
M9
H8
64
PE11
I/O
FT
-
TIM1_CH2,
DFSDM2_CKIN0,
SPI4_NSS/I2S4_WS,
SPI5_NSS/I2S5_WS,
FSMC_D8/FSMC_DA8,
EVENTOUT
-
-
-
J4
43
L9
J8
65
PE12
I/O
FT
-
TIM1_CH3N,
DFSDM2_DATIN7,
SPI4_SCK/I2S4_CK,
SPI5_SCK/I2S5_CK,
FSMC_D9/FSMC_DA9,
EVENTOUT
-
-
-
F4
44
M10
K8
66
PE13
I/O
FT
-
TIM1_CH3,
DFSDM2_CKIN7,
SPI4_MISO,
SPI5_MISO,
FSMC_D10/FSMC_DA1
0, EVENTOUT
-
-
-
G3
45
M11
L8
67
PE14
I/O
FT
-
TIM1_CH4,
SPI4_MOSI/I2S4_SD,
SPI5_MOSI/I2S5_SD,
DFSDM2_DATIN1,
FSMC_D11/FSMC_DA1
1, EVENTOUT
-
-
-
J3
46
M12
M8
68
PE15
I/O
FT
-
TIM1_BKIN,
DFSDM2_CKIN1,
FSMC_D12/FSMC_DA1
2, EVENTOUT
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More