Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413CH Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32F413CH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CH Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32F413CH Datasheet HTML 50Page - STMicroelectronics STM32F413CH Datasheet HTML 51Page - STMicroelectronics STM32F413CH Datasheet HTML 52Page - STMicroelectronics STM32F413CH Datasheet HTML 53Page - STMicroelectronics STM32F413CH Datasheet HTML 54Page - STMicroelectronics STM32F413CH Datasheet HTML 55Page - STMicroelectronics STM32F413CH Datasheet HTML 56Page - STMicroelectronics STM32F413CH Datasheet HTML 57Page - STMicroelectronics STM32F413CH Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 207 page
background image
Pinouts and pin description
STM32F413xG/H
54/207
DocID029162 Rev 2
19 27 G5
36
M6
M4
47
PB1
I/O
FT
-
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
SPI5_NSS/I2S5_WS,
DFSDM1_DATIN0,
QUADSPI_CLK,
EVENTOUT
ADC1_IN9
20 28 H5
37
L6
J5
48
PB2
I/O
FT
-
LPTIM1_OUT,
DFSDM1_CKIN0,
QUADSPI_CLK,
EVENTOUT
BOOT1
-
-
-
-
-
M5
49
PF11
I/O
FT
-
TIM8_ETR, EVENTOUT
-
--
-
-
-
L5
50
PF12
I/O
FT
-
TIM8_BKIN, FSMC_A6,
EVENTOUT
-
-
-
-
-
-
G4
51
VSS
S
-
-
-
-
--
-
-
-
G5
52
VDD
S
-
-
-
-
--
-
-
-
K5
53
PF13
I/O
FT
-
I2CFMP1_SMBA,
FSMC_A7, EVENTOUT
-
-
-
-
-
-
M6
54
PF14
I/O
FTf
-
I2CFMP1_SCL,
FSMC_A8, EVENTOUT
-
-
-
-
-
-
L6
55
PF15
I/O
FTf
-
I2CFMP1_SDA,
FSMC_A9, EVENTOUT
-
--
-
-
-
K6
56
PG0
I/O
FT
-
CAN1_RX, UART9_RX,
FSMC_A10,
EVENTOUT
-
--
-
-
-
J6
57
PG1
I/O
FT
-
CAN1_TX, UART9_TX,
FSMC_A11, EVENTOUT
-
-
-
NC
38
M7
M7
58
PE7
I/O
FT
(2)
TIM1_ETR,
DFSDM1_DATIN2,
UART7_Rx,
QUADSPI_BK2_IO0,
FSMC_D4/FSMC_DA4,
EVENTOUT
-
-
-
NC
39
L7
L7
59
PE8
I/O
FT
(2)
TIM1_CH1N,
DFSDM1_CKIN2,
UART7_Tx,
QUADSPI_BK2_IO1,
FSMC_D5/FSMC_DA5,
EVENTOUT
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More