| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8741Ai-EN Fiches technique(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8741Ai-EN Fiches technique(HTML) 97 Page - Microchip Technology |
|
97 / 106 page ![]() 2013-2015 Microchip Technology Inc. DS00001988A-page 97 LAN8741A/LAN8741Ai 6.0 PACKAGE OUTLINE B A 0.20 C 0.20 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 1 2 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-160B SQFN Sheet 1 of 2 32-Lead Very Thin Plastic Quad Flat, No Lead Package (MQ) - 5x5x0.9 mm Body [VQFN] 2X 32X D E 32X b e 2 e 32X L A A1 (A3) D2 E2 32X K SMSC LEGACY SQFN |