Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8741Ai-EN Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce LAN8741Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741Ai-EN Fiches technique(HTML) 6 Page - Microchip Technology

Back Button LAN8741Ai-EN Datasheet HTML 2Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 3Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 4Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 5Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 6Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 7Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 8Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 9Page - Microchip Technology LAN8741Ai-EN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 6
2013-2015 Microchip Technology Inc.
2.0
PIN DESCRIPTION AND CONFIGURATION
FIGURE 2-1:
32-VQFN PIN ASSIGNMENTS (TOP VIEW)
Note:
When a lower case “n” is used at the beginning of the signal name, it indicates that the signal is active low.
For example, nRST indicates that the reset signal is active low.
Note:
The buffer type for each signal is indicated in the BUFFER TYPE column. A description of the buffer types
is provided in Section 2.2.
Note: Exposed pad (VSS) on bottom of package must be connected to ground.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
RXD3/PHYAD2
RXCLK/PHYAD1
VDDCR
XTAL1/CLKIN
XTAL2
LED1/REGOFF
LED2/nINTSEL
VDD2A
TXD2
TXD1
TXD0
TXEN
TXCLK
nRST
nINT/TXER/TXD4
MDC
LAN8741A/
LAN8741Ai



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More