Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8742Ai-CZ Fiches technique(PDF) 100 Page - Microchip Technology

No de pièce LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Fiches technique(HTML) 100 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 96Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 97Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 98Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 99Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 100Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 101Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 102Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 103Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 100
2013-2015 Microchip Technology Inc.
4.3.17
TDR SHORT/OPEN THRESHOLD REGISTER
Note 1: Software reset places the default values of this register into an indeterminate state. For proper operation of
the TDR, the TDR Short Low Threshold and TDR Open High Threshold must be set to 5’h09 and 5’h12,
respectively.
Index (In Decimal):
30.12
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:5
TDR Short Low Threshold
Sets the lower threshold to detect short cable.
R/W
5’h09
(see Note 1)
4:0
TDR Open High Threshold
Sets the upper threshold to detect open cable.
R/W
5’h12
(see Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More