| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8742Ai-CZ Fiches technique(PDF) 99 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8742Ai-CZ Fiches technique(HTML) 99 Page - Microchip Technology |
|
99 / 124 page ![]() 2013-2015 Microchip Technology Inc. DS00001989A-page 99 LAN8742A/LAN8742Ai 4.3.16 TDR MATCH THRESHOLD REGISTER Note 1: Software reset places the default values of this register into an indeterminate state. For proper operation of the TDR, the TDR Match High Threshold and TDR Match Low Threshold must be set to 5’h12 and 5’h09, respectively. Index (In Decimal): 30.11 Size: 16 bits Bits Description Type Default 15:10 RESERVED RO - 9:5 TDR Match High Threshold Sets the upper threshold to detect match cable. R/W 5’h12 (see Note 1) 4:0 TDR Match Low Threshold Sets the lower threshold to detect match cable. R/W 5’h09 (see Note 1) |