Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAP5SD-B-G1-R Fiches technique(PDF) 5 Page - Integrated Device Technology

No de pièce SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Fiches technique(HTML) 5 Page - Integrated Device Technology

  SAP5SD-B-G1-R Datasheet HTML 1Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 2Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 3Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 4Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 5Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
5
January 28, 2016
9.1.
Related IDT Documents .......................................................................................................................... 65
9.2.
Related Third-Party Documents .............................................................................................................. 65
10 Glossary ......................................................................................................................................................... 66
11 Document Revision History ............................................................................................................................ 66
List of Figures
Figure 3.1
Functional Block Diagram ................................................................................................................. 11
Figure 3.2
Data Path in Master and Repeater Modes ....................................................................................... 14
Figure 5.1
Basic Receiver Comparator Threshold Set-up Principles ................................................................ 30
Figure 5.2
Timing Diagram for Parameter Port P[3:0], PSTBn.......................................................................... 31
Figure 5.3
Timing Diagram for Data Port D[3:0] and DSTBn............................................................................. 32
Figure 5.4
Principles of Delay Mode Input Filtering – Example for Slave with Address 1HEX ............................ 33
Figure 5.5
Power-On Behavior (all modes)........................................................................................................ 42
Figure 5.6
Timing Diagram External Reset via DSTBn ..................................................................................... 43
Figure 5.7
Safety Mode Data Processing .......................................................................................................... 49
Figure 5.8
Data Input Voltage Constraints in Safety Mode................................................................................ 50
Figure 5.9
SAP Package Pin Assignment in Master/Repeater Mode................................................................ 51
Figure 6.1
Standard Application Circuit, Direction of Data I/O Depends on IO_Code....................................... 57
Figure 6.2
Safety Mode Application ................................................................................................................... 58
Figure 6.3
SAP5 Master Mode Application ........................................................................................................ 59
Figure 7.1
SAP51/SAP5S SOP20 Package Pin Assignment ............................................................................ 61
Figure 7.2
SAP51 / SAP5S SOP16 Package Pin Assignment .......................................................................... 61
Figure 7.3
SOP16 Package Outline Dimensions ............................................................................................... 62
Figure 7.4
SOP20 Package Outline Dimensions ............................................................................................... 63
Figure 7.5
Package Marking 20-Pin Version ..................................................................................................... 64
Figure 7.6
Package Marking 16-Pin Version ..................................................................................................... 64
List of Tables
Table 2.1
Absolute Maximum Ratings ................................................................................................................ 8
Table 2.2
Operating Conditions .......................................................................................................................... 9
Table 2.3
Crystal Frequency............................................................................................................................... 9
Table 3.1
Assignment of Operational Modes.................................................................................................... 13
Table 3.2
SAP5 Master Calls and Related Slave Responses .......................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66