Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAP5SD-B-G1-R Fiches technique(PDF) 4 Page - Integrated Device Technology

No de pièce SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Fiches technique(HTML) 4 Page - Integrated Device Technology

  SAP5SD-B-G1-R Datasheet HTML 1Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 2Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 3Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 4Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 5Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
4
January 28, 2016
5.4.
DC Characteristics – Digital Outputs ....................................................................................................... 29
5.5.
AS-i Receiver........................................................................................................................................... 29
5.6.
AS-i Transmitter....................................................................................................................................... 30
5.7.
Parameter Port and PSTBn..................................................................................................................... 30
5.8.
Data Port and DSTBn .............................................................................................................................. 32
5.8.1.
Timing of Data I/O and DSTBn ......................................................................................................... 32
5.8.2.
Input Data Pre-Processing ................................................................................................................ 32
5.8.3.
Synchronous Data I/O Mode............................................................................................................. 34
5.8.4.
Support of 4I/4O Signaling in Extended Address Mode ................................................................... 36
5.8.5.
Special Function of DSTBn ............................................................................................................... 38
5.9.
Data and Parameter Port Configuration .................................................................................................. 38
5.10. Fault Indication Input PFAULT ................................................................................................................ 39
5.11. LED Outputs ............................................................................................................................................ 40
5.11.1. Slave Mode ....................................................................................................................................... 40
5.11.2. Master/Repeater Mode ..................................................................................................................... 41
5.12. Oscillator Pins OSC1 and OSC2 ............................................................................................................. 41
5.13. SAP5 Reset ............................................................................................................................................. 41
5.13.1. Power-On Reset................................................................................................................................ 42
5.13.2. Logic Controlled Reset...................................................................................................................... 43
5.13.3. External Reset................................................................................................................................... 43
5.14. UART ....................................................................................................................................................... 43
5.15. Main State Machine ................................................................................................................................. 45
5.16. Status Registers ...................................................................................................................................... 45
5.17. Communication Monitor/Watchdog ......................................................................................................... 46
5.18. Safety Mode (SAP5S only) ...................................................................................................................... 47
5.19. Master and Repeater Modes ................................................................................................................... 50
5.19.1. Master/ Repeater Mode Activation.................................................................................................... 50
5.19.2. Pin Assignment in Master and Repeater Modes .............................................................................. 51
5.19.3. Functional Description ...................................................................................................................... 52
5.20. Write Protection of ID_Code_Extension_1 .............................................................................................. 55
6
Application Circuits ......................................................................................................................................... 57
7
Package Specifications .................................................................................................................................. 60
7.1.
Package Pin Assignment......................................................................................................................... 60
7.2.
SOP16 (300 mil) Package Outline........................................................................................................... 62
7.3.
SOP20 (300 mil) Package Outline........................................................................................................... 63
7.4.
Package Marking ..................................................................................................................................... 64
8
Ordering Information ...................................................................................................................................... 65
9
Related Documents ........................................................................................................................................ 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66