| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2241II-AEZG Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2241II-AEZG Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 43 page ![]() USB224X DS00001979A-page 8 2010 - 2015 Microchip Technology Inc. FIGURE 4-2: USB2241/USB2241I 36-PIN QFN DIAGRAM Ground Pad (must be connected to VSS) USB2241/2241I (Top View QFN-36) Indicates pins on the bottom of the device. 18 17 16 15 14 13 12 11 10 28 29 31 32 33 36 35 34 30 TEST NC SD_WP / MS_SCLK TXD / SCK / MS_SKT_SEL XTAL2 XTAL1 (CLKIN) VDD18PLL RBIAS VDDA33 SD_D5 / MS_D1 VDD18 NC SD_CMD / MS_D0 NC NC NC RESET_N VDD33 |