| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2241II-AEZG Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2241II-AEZG Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 43 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001979A-page 7 USB224X 4.0 PIN CONFIGURATIONS FIGURE 4-1: USB2240/USB2240I 36-PIN QFN DIAGRAM Ground Pad (must be connected to VSS) USB2240/2240I (Top View QFN-36) Indicates pins on the bottom of the device. 18 17 16 15 14 13 12 11 10 28 29 31 32 33 36 35 34 30 TEST NC xD_D4 / (SD_WP) / MS_SCLK TXD / SCK / MS_SKT_SEL XTAL2 XTAL1 (CLKIN) VDD18PLL RBIAS VDDA33 xD_ALE / SD_D5 / MS_D1 VDD18 xD_nWE xD_CLE / SD_CMD / MS_D0 xD_nCE xD_nRE xD_nB/R RESET_N VDD33 |