Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB224X Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce USB224X
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB224X Fiches technique(HTML) 9 Page - Microchip Technology

Back Button USB224X Datasheet HTML 5Page - Microchip Technology USB224X Datasheet HTML 6Page - Microchip Technology USB224X Datasheet HTML 7Page - Microchip Technology USB224X Datasheet HTML 8Page - Microchip Technology USB224X Datasheet HTML 9Page - Microchip Technology USB224X Datasheet HTML 10Page - Microchip Technology USB224X Datasheet HTML 11Page - Microchip Technology USB224X Datasheet HTML 12Page - Microchip Technology USB224X Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 9
USB224X
FIGURE 4-3:
USB2244/USB2244I 36-PIN QFN DIAGRAM
Ground Pad
(must be connected to VSS)
USB2244/2244I
(Top View QFN-36)
Indicates pins on the bottom of the device.
18
17
16
15
14
13
12
11
10
28
29
31
32
33
36
35
34
30
TEST
NC
SD_WP
TXD / SCK
XTAL2
XTAL1 (CLKIN)
VDD18PLL
RBIAS
VDDA33
SD_D5
VDD18
NC
SD_CMD
NC
NC
NC
RESET_N
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43