Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB224X Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce USB224X
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB224X Fiches technique(HTML) 39 Page - Microchip Technology

Back Button USB224X Datasheet HTML 35Page - Microchip Technology USB224X Datasheet HTML 36Page - Microchip Technology USB224X Datasheet HTML 37Page - Microchip Technology USB224X Datasheet HTML 38Page - Microchip Technology USB224X Datasheet HTML 39Page - Microchip Technology USB224X Datasheet HTML 40Page - Microchip Technology USB224X Datasheet HTML 41Page - Microchip Technology USB224X Datasheet HTML 42Page - Microchip Technology USB224X Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 39
USB224X
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
REVISION
SECTION/FIGURE/ENTRY
CORRECTION
DS00001979A (07-13-15)
Replaces previous SMSC version Rev. 2.1 (02-07-13)
GPIOs and SDIO support removed
USB2242 removed
Rev. 2.1
(02-07-13)
Document co-branded: Microchip logo added to cover; company disclaimer
modified.
Added the following to the ordering information: “Please contact your SMSC sales
representative for additional documentation related to this product such as
application notes, anomaly sheets, and design guidelines.”
Rev 2.1
(12-22-10)
Chapter 3, Figure 3.1, 3.2,
and 3.3
Upgraded to put the mux for the multiplexed
interface inside the part, put in a SPI interface for
outside access to the Program Memory I/O bus.
Rev 2.1
(11-23-10)
Chapter 6, Table 6.1
Removed “ It may not be used to drive any
external circuitry other than the crystal circuit” from
the XTAL2 description.
Rev. 2.1
(10-21-10)
Chapter 11, Table 11.3
Changed the active level from L to H for GPIO6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43