| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2517 Fiches technique(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2517 Fiches technique(HTML) 56 Page - Microchip Technology |
|
56 / 58 page ![]() USB2517/USB2517I DS00001598B-page 56 2013-2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB2517 Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) Package: JZX = 64-pin QFN Tape and Reel Option: Blank = Standard packaging (tray) TR = Tape and Reel(1) Examples: a) USB2517I - JZX-TR Industrial temperature, 64-pin QFN Tape & Reel b) USB2517-JXZX Commercial temperature, 64-pin QFN Tray Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. [X] XXX Package Temperature Range Device [X](1) Tape and Reel Option - - |