Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2517 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 29Page - Microchip Technology USB2517 Datasheet HTML 30Page - Microchip Technology USB2517 Datasheet HTML 31Page - Microchip Technology USB2517 Datasheet HTML 32Page - Microchip Technology USB2517 Datasheet HTML 33Page - Microchip Technology USB2517 Datasheet HTML 34Page - Microchip Technology USB2517 Datasheet HTML 35Page - Microchip Technology USB2517 Datasheet HTML 36Page - Microchip Technology USB2517 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 33
USB2517/USB2517I
7.2.1.29
Register FAh: Port Swap
Bit
Number
Bit Name
Description
7:0
PRTSP
Port Swap: Swaps the Upstream and Downstream USB DP and DM Pins for
ease of board routing to devices and connectors.
‘0’ = USB D+ functionality is associated with the DP pin and D- functionality is
associated with the DM pin.
‘1’ = USB D+ functionality is associated with the DM pin and D- functionality
is associated with the DP pin.
Bit 7= ‘1’; Port 7 DP/DM is swapped.
Bit 6= ’1’; Port 6 DP/DM is swapped.
Bit 5= ’1’; Port 5 DP/DM is swapped.
Bit 4= ‘1’; Port 4 DP/DM is swapped.
Bit 3= ‘1’; Port 3 DP/DM is swapped.
Bit 2= ‘1’; Port 2 DP/DM is swapped.
Bit 1= ‘1’; Port 1 DP/DM is swapped.
Bit 0= ‘1’; Upstream Port DP/DM is swapped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58