Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS29F040 Fiches technique(PDF) 25 Page - Micross Components

No de pièce AS29F040
Description  Sector protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 Fiches technique(HTML) 25 Page - Micross Components

Back Button AS29F040 Datasheet HTML 19Page - Micross Components AS29F040 Datasheet HTML 20Page - Micross Components AS29F040 Datasheet HTML 21Page - Micross Components AS29F040 Datasheet HTML 22Page - Micross Components AS29F040 Datasheet HTML 23Page - Micross Components AS29F040 Datasheet HTML 24Page - Micross Components AS29F040 Datasheet HTML 25Page - Micross Components AS29F040 Datasheet HTML 26Page - Micross Components AS29F040 Datasheet HTML 27Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
25
AS29F040
Rev. 2.3 01/10
Micros Case #208 (Package Designator ECA)
MECHANICAL DEFINITION*
*All measurements are in inches.
A
A1
D1
L1
B1
E1
L
e
R
D
E
MIN
MAX
A
0.060
0.080
A1
0.040
0.050
B1
0.022
0.028
D
0.540
0.560
D1
0.390
0.410
E
0.442
0.458
E1
0.290
0.310
e
0.045
0.055
L
0.045
0.055
L1
0.075
0.095
R
0.004
0.014
SYMBOL
SMD SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27