Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS29F040 Fiches technique(PDF) 22 Page - Micross Components

No de pièce AS29F040
Description  Sector protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 Fiches technique(HTML) 22 Page - Micross Components

Back Button AS29F040 Datasheet HTML 18Page - Micross Components AS29F040 Datasheet HTML 19Page - Micross Components AS29F040 Datasheet HTML 20Page - Micross Components AS29F040 Datasheet HTML 21Page - Micross Components AS29F040 Datasheet HTML 22Page - Micross Components AS29F040 Datasheet HTML 23Page - Micross Components AS29F040 Datasheet HTML 24Page - Micross Components AS29F040 Datasheet HTML 25Page - Micross Components AS29F040 Datasheet HTML 26Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
22
AS29F040
Rev. 2.3 01/10
MECHANICAL DEFINITIONS*
Micross Case (Package Designator CW)
SMD 5962-96692, Case Outline X
*All measurements are in inches.
MIN
MAX
A
0.140
0.200
A1
0.019
0.047
A2
0.125
0.193
B
0.009
0.012
B1
0.588
0.617
D
1.654
1.686
D1
0.580
0.605
D2
1.492
1.508
e
e1
0.016
0.020
SYMBOL
SMD SPECIFICATIONS
0.100 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27