Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-MSCSP Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 27Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 31Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 32Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 33Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 34Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
BlueNRG-MS
Electrical specification
10.5.1
High speed crystal oscillator (HSXOSC)
The BlueNRG-MS includes a fully integrated, low power 16/32 MHz Xtal oscillator with an
embedded amplitude regulation loop. In order to achieve low power operation and good
frequency stability of the Xtal oscillator, certain considerations with respect to the quartz
load capacitance C0 need to be taken into account. Figure 13 shows a simplified block
diagram of the amplitude regulated oscillator used on the BlueNRG-MS.
Figure 13: Simplified block diagram of the amplitude regulated oscillator
Low power consumption and fast startup time is achieved by choosing a quartz crystal with
a low load capacitance C0. To achieve good frequency stability, the following equation
needs to be satisfied:
��������0=��������1′∗��������2′
��������1′+��������2′
Where C1’=C1+CPCB1+CPAD, C2’= C2+CPCB2+CPAD, where C1 and C2 are external
(SMD) components, CPCB1 and CPCB2 are PCB routing parasites and CPAD is the
equivalent small-signal pad-capacitance. The value of CPAD is around 0.5 pF for each
pad. The routing parasites should be minimized by placing quartz and C1/C2 capacitors
close to the chip, not only for an easier matching of the load capacitance C0, but also to
ensure robustness against noise injection. Connect each capacitor of the Xtal oscillator to
ground by a separate via.
DocID027103 Rev 6
31/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42