Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-MSCSP Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 20Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 21Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 22Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 23Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 24Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 25Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 26Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 27Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
General characteristics
BlueNRG-MS
9
General characteristics
Table 9: Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
V BAT
Operating battery supply voltage
1.7
3.6
V
T A
Operating ambient temperature range
-40
+85
°C
24/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42