Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-MS Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 34Page - STMicroelectronics BLUENRG-MS Datasheet HTML 35Page - STMicroelectronics BLUENRG-MS Datasheet HTML 36Page - STMicroelectronics BLUENRG-MS Datasheet HTML 37Page - STMicroelectronics BLUENRG-MS Datasheet HTML 38Page - STMicroelectronics BLUENRG-MS Datasheet HTML 39Page - STMicroelectronics BLUENRG-MS Datasheet HTML 40Page - STMicroelectronics BLUENRG-MS Datasheet HTML 41Page - STMicroelectronics BLUENRG-MS Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
BlueNRG-MS
Revision history
13
Revision history
Table 23: Document revision history
Date
Revision
Changes
24-Nov-2014
1
Initial release.
19-Jun-2015
2
Document status promoted from “Preliminary data” to “Production
data”.
Minor changes in the structure of the document to improve
readability. Updated: Figure in cover page, Section 2: General
description, Figure 5, Figure 6, Figure 7, Figure 8, Section 10:
Electrical specification. Added: Figure 15: QFN32 (5 x 5 x 1 pitch 0.5
mm) package detail "A".
01-Oct-2015
3
Modified: Figure 5, Figure 6, Figure 7 and Figure 8
29-Oct-2015
4
Updated: General description.
Added: SPI characteristics.
16-Nov-2015
5
Updated title, Features , Section 1: "Description" and Section 2:
"General description".
01-Feb-2016
6
Updated Section 8: "Application controller interface"
DocID027103 Rev 6
41/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42