Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-MS Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 32Page - STMicroelectronics BLUENRG-MS Datasheet HTML 33Page - STMicroelectronics BLUENRG-MS Datasheet HTML 34Page - STMicroelectronics BLUENRG-MS Datasheet HTML 35Page - STMicroelectronics BLUENRG-MS Datasheet HTML 36Page - STMicroelectronics BLUENRG-MS Datasheet HTML 37Page - STMicroelectronics BLUENRG-MS Datasheet HTML 38Page - STMicroelectronics BLUENRG-MS Datasheet HTML 39Page - STMicroelectronics BLUENRG-MS Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Package information
BlueNRG-MS
11.1
QFN32 package information
Figure 15: QFN32 (5 x 5 x 1 pitch 0.5 mm) package outline
36/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42