| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L072xB Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072xB Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 147 page ![]() DocID027100 Rev 3 49/147 STM32L072xx Pin descriptions 56 -24 3648 E6 A1 75 G11 VDD_USB S - - - 24 25 37 49 A7 B2 76 A10 PA14 I/O FT - SWCLK, USART2_TX, LPUART1_TX - 25 - 38 50 A6 A2 77 A9 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1, USART4_RTS_DE - - - - 51 B7 - 78 B11 PC10 I/O FT - LPUART1_TX, USART4_TX - - - - 52 B6 - 79 C10 PC11 I/O FT - LPUART1_RX, USART4_RX - - - - 53 C5 - 80 B10 PC12 I/O FT - USART5_TX, USART4_CK - - - - --- 81 C9 PD0 I/O FT - TIM21_CH1, SPI2_NSS/I2S2_WS - - - - - - - 82 B9 PD1 I/O FT - SPI2_SCK/I2S2_CK - - - - 54 B5 - 83 C8 PD2 I/O FT - LPUART1_RTS_DE, TIM3_ETR, USART5_RX - - - - - - - 84 B8 PD3 I/O FT - USART2_CTS, SPI2_MISO/I2S2_MCK - - - - - - - 85 B7 PD4 I/O FT - USART2_RTS_DE, SPI2_MOSI/I2S2_SD - - - - - - - 86 A6 PD5 I/O FT - USART2_TX - - - - - - - 87 B6 PD6 I/O FT - USART2_RX - - - - - - - 88 A5 PD7 I/O FT - USART2_CK, TIM21_CH2 - 26 - 39 55 A5 A3 89 A8 PB3 I/O FT - SPI1_SCK, TIM2_CH2, TSC_G5I_O1, EVENTOUT, USART1__RTS_DE, USART5_TX COMP2_INM Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |